Part Number Hot Search : 
BZX79C11 7NA60 AD7634 00350 U3502BM STA9012N ADC1215S HMD1M1Z1
Product Description
Full Text Search
 

To Download MTDS515A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTDS Series - 5 x 7 Ceramic SMD TCXO
Low Profile SMD TCXO Clipped Sinewave Output RoHS Compliant Low Power Consumption
ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Stability vs Temperature * Operating Temperature Range Storage Temperature Range Output Type Supply Voltage Supply Current Control Voltage Output Level Output Load Pin 1 No Connection Vc Option * Inclusive of Temperature., Load, Voltage and Aging 9.600MHZ to 27.000MHZ (See Frequency Stability vs Temperature Table) (See Frequency Stability vs Temperature Table) -40C to =85C Clipped Sinewave +3.30 VDC 5% +5.00 VDC 5% 2.0mA max 2.0mA max +1.65 VDC 1.50 VDC +2.50 VDC 2.00 VDC Positive Slope Positive Slope 0.8 Vp-p min 1.0 Vp-p min 10 k // 10pF 10 k // 10pF
No Connection 10 ppm min
PART NUMBER GUIDE:
MTD 5 x 7 SMD TCXO
S
Frequency
Output S = Clipped Sinewave
Supply Voltage 3 = +3.3 VDC 5 = +5.0 VDC
Frequency Stability 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 35 = 3.5 ppm 50 = 5.0 ppm
Operating Temperature A = 0C to +50C B = -10C to +60C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C
Pin 1 Connection Blank = No Connect V = Voltage Control
Packaging Blank = Bulk T = Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MTD041907E
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Code A G C D E F Stability 15 Temp 1.5ppm 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -30C TO +80C -40C TO +85C = Available 20 2.0ppm 25 2.5ppm 30 35 50 3.0ppm 3.5ppm 5.0ppm = Consult with the Manufacturer
MECHANICAL DIMENSIONS:
7.20 [.283] MAX 2.00 [.079] MAX 5.08 [.200] 2.54 [.100] 1 5.20 [.205] MAX 4 1.00 [.039] 1.70 [.069]
8 7 5 6
5.08 [.200]
PIN 1 PIN 2
TRI-STATE OR N/C GROUND OUTPUT SUPPLY VOLTAGE
2 1.70 [.067] 3 2.00 [.079] 1.80 [.071] RECOMMENDED LAND PATTERN 4.20 [.165]
PIN 3 PIN 4
PIN 5-8 FACTORY TEST TERMINALS (DO NOT USE)
DIMENSIONS IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
ENVIRONMENT / MECHANICAL:
Shock Solderability Vibration MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 2007, Condition A
TAPE and DIMENSIONS:
2.76 [.109] 1.26 [.050] 40.16 [1.581] O8.19 [O.322]
MARKING:
12.60 [.496] 13.23 [.521] DETAIL A
DETAIL A
Line 1 =MXXXXX M = MMD COMPONENTS XXXXX = Frequency in MHZ Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots
120
2.13 [.084]
12.00 [.472] O1.50 [O.059] 2.00 [.079] 4.00 [.157] 1.75 [.069] 0.30 [.012]
11.50 [.453] 12.10 [.476] 24.00 [.945]
10.20 [.402]
O1.50 [O.059] DIMENSION IN BRACKETS ARE IN INCHES DRAWING NOT TO SCALE
2.20 [.087]
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTD041907E


▲Up To Search▲   

 
Price & Availability of MTDS515A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X